PART |
Description |
Maker |
IR3567BMTRPBF |
Dual Loop, 6 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
MAX8707ETL |
Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
|
Maxim Integrated Products
|
ISL6267 ISL6267HRZ |
Multiphase PWM Regulator for AMD Fusion Mobile CPUs Multiphase PWM Regulator for AMD Fusion Mobile CPUs
|
Intersil Corporation
|
HCC4046B HCC4046BF HCF4046B HCF4046BEY HCC4046 HCC |
MICRMICROPOWER PHASE-LOCKED LOOP _ MICRMICROPOWER锁相环_ Analog Phase-Locked Loop Dual Line Driver 14-SOIC 0 to 70 IC,PHASE-LOCKED LOOP,CMOS,DIP,16PIN,CERAMIC From old datasheet system
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AMD-K6-IIIE AMD-K6-IIIE450APZ |
AMD-K6-IIIE - AMD-K6-IIIE Processor Data Sheet Amd-K6-iiie embedded processor 32-BIT, 450 MHz, RISC PROCESSOR, CPGA321
|
Advanced Micro Devices, Inc.
|
MAX8523 |
"High-Speed, Dual-Phase Gate Driver for Multiphase, Step-Down Converters"
|
Maxim
|
EPF8282ALC84-3 EPF8282ALC84-4 EPF8636AGC192-3 EPF8 |
Eval Board for HFA1110 750MHz, Low Distortion Unity Gain, Closed Loop Buffer Eval Board for HI5805 12-Bit, 5MSPS A/D Converter Eval Board for HIP6521 PWM and Triple Linear Power Controller Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Eval Board for ISL5314 CommLink™ Direct Digital Synthesizer 现场可编程门阵列(FPGA Eval Board for HIP6302 Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller 现场可编程门阵列(FPGA Eval Board for HA5023 Dual 125MHz Video Current Feedback Amplifier
|
Altera, Corp.
|
ICS9248-114 ICS9248YF-114-T AV9248F-114-T |
AMD-K7 system clock chip AMD - K7⑩ System Clock Chip AMD - K7 System Clock Chip AMD - K7System Clock Chip AMD公司- k7的⑩系统时钟芯片
|
ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
ADN2870 ADN2870NBSP ADN2870ACPZ-RL7 ADN2870ACPZ AD |
3.3 V, Dual Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver 3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver 3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver From old datasheet system N/A
|
AD[Analog Devices]
|
LTC3855EFEPBF LTC3855IFEPBF LTC3855EFETRPBF LTC385 |
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, QFN, 40 Pins, Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO40 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, TSSOP, 38 Pins, Temperature Range: –40°C to 125°C, Tape and Reel DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO38 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, TSSOP, 38 Pins, Temperature Range: –40°C to 85°C DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO38 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, QFN, 40 Pins, Temperature Range: –40°C to 85°C DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO40 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, QFN, 40 Pins, Temperature Range: –40°C to 85°C, Tape and Reel DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO40
|
Linear Technology, Corp.
|
TF-EPIC-HD07-A10 TF-EPIC-HD07-A10-01 TF-EPIC-HD07- |
EPIC Board with Onboard AMD G Series Dual/Single Processor
|
AAEON Technology
|
|